Part Number Hot Search : 
D880GR FRF504G MRF100 B1101UCL UPD75 OMR184NH 012X5R1 AC05FGM
Product Description
Full Text Search
 

To Download DTC114TE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
Micro Commercial Components
TM
omponents 20736 Marilla Street Chatsworth !"# $
% !"#
DTC114TE
Features
* * * Built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistors (see equivalent circuit) The bias resistors consist of thin-film resistors with complete isolation to allow negative biasing of the input. They also have the advantage of almost completely eliminating parasitic effects Only the on/off conditions need to be set for operation, making device design easy
NPN Digital Transistor
Absolute Maximum Ratings
Parameter
Collector-Base Voltage Collector-Emitter Voltage Emitter-Base voltage Collector Current-Continuous Collector Dissipation Junction Temperature Storage Temperature Range
SOT-523
A
Symbol
VCBO VCEO VEBO IC PC TJ TSTG
Value
50 50 5 100 150 150 -55~150
Unit
V V V mA mW
E 3 1
D
2
B
C
1. Base 2. Emitter 3. Collector

G H J
K
Electrical Characteristics
Sym
V(BR)CBO V(BR)CEO V(BR)EBO ICBO IEBO hFE VCE(sat) R1 fT
DIMENSIONS
Parameter
Collector-Base Breakdown Voltage (IC=50uA, IE=0) Collector-Emitter Breakdown Voltage (IC=1mA, IB=0) Emitter-Base Breakdown Voltage (IE=50uA, IC=0) Collector Cut-off Current (VCB=50V, IE=0) Emitter Cut-off Current (VEB=4V, IC=0) DC Current Gain (VCE=5V, IC=1mA) Collector-Emitter Saturation Voltage (IC=10mA, IB=1mA) Input Resistor Transition Frequency (VCE=10V, IC=-5mA, f=100MHz)
Min
50 50 5 ----100 --7 ---
Typ
----------300 --10 250
Max
------0.5 0.5 600 0.3 13 ---
Unit
V V V uA uA --V K MHz
DIM A B C D E G H J K
INCHES MIN MAX .059 .067 .030 .033 .057 .069 .020 Nominal .035 .043 .000 .004 .028 .031 .004 .008 .010 .014
MM MIN MAX 1.50 1.70 0.75 0.85 1.45 1.75 0.50Nominal 0.90 1.10 .000 .100 .70 0.80 .100 .200 .25 .35
NOTE
www.mccsemi.com
Revision: 1 2005/06/29
DTC114TE
MCC
TM
Micro Commercial Components
www.mccsemi.com
Revision: 1 2005/06/29


▲Up To Search▲   

 
Price & Availability of DTC114TE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X